Part Number Hot Search : 
D150M 74HCT191 DAP236U FW801A 13000 10500 C102G2 STU404D
Product Description
Full Text Search
 

To Download A21ASP12VDC16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant
26.0 x 26.0 x 24.5 (39.5) mm
A2
Features
* * * * * Large switching capacity up to 40A Small size and light weight PCB pin and quick connect mounting available Suitable for automobile and lamp accessories QS-9000, ISO-9002 Certified Manufacturing
Contact Data
Contact Arrangement 1A = SPST N.O. 1B = SPST N.C.
Specifications and availability subject to change without notice.
Contact Resistance Contact Material Maximum Switching Power Maximum Switching Voltage Maximum Switching Current
< 30 milliohms initial AgSnO2 630W 75VDC 40A
1C = SPDT 1U = SPST N.O. (2 terminals) Contact Rating 1A : 40A @ 14VDC 1B : 30A @ 14VDC 1C : 40A @ 14VDC N.O. and 1C : 30A @ 14VDCN.C. 1U : 2x20A @ 14VDC
Coil Data
Coil Voltage VDC Rated 6 12 24 Max 7.8 15.6 31.2 Coil Resistance +/- 10% 1.6W 22.5 90 360 1.9W 19 75.8 303.2 Pick Up Voltage Release Voltage VDC (max) VDC (min) 70% of rated voltage 4.20 8.40 16.80 10% of rated voltage .6 1.2 2.4 1.60 or 1.90 7 5 Coil Power W Operate Time ms Release Time ms
Dimensions shown in mm. Dimensions are shown for reference purposes only.
General Data
Electrical Life @ rated load Mechanical Life Insulation Resistance Dielectric Strength, Coil to Contact Contact to Contact Shock Resistance Vibration Resistance Terminal (Copper Alloy) Strength Operating Temperature Storage Temperature Solderability Weight 100K cycles, typical 10M cycles, typical 100M min. @ 500VDC 750V rms min. @ sea level 500V rms min. @ sea level 147m/s2 for 11 ms 1.5mm double amplitude 10~40Hz 8N (quick connect), 4N (PCB pins) -40oC to +125oC -40oC to +155oC 260oC for 5 s 31g
Caution 1. The use of any coil voltage less than the rated coil voltage may compromise the operation of the relay.
page 77
phone - 763.535.2339
www.citrelay.com
fax - 763.535.2194
A2
Ordering Information
1. Series A2 standard A2F with mounting flange A2M with metal bracket A2S with metal bracket and shroud 2. Contact Arrangement 1A = SPST N.O. 1B = SPST N.C. 1C = SPDT 1U = SPST N.O. (2 terminals) 3. Sealing Option S = Sealed C = Dust Cover *not available with A2S 4. Termination P = PCB Pins *not available with A2S Q = Quick Connect 5. Coil Voltage 6VDC 12VDC 24VDC 6. Coil Power 1.6 = 1.6W 1.9 = 1.9W 7. Coil Suppression Blank = Standard D = Diode (1N4005) Cathode on "86" terminal D1 = Diode (1N4004) Cathode on "86" terminal R = Resistor (180 for 6VDC; 680 for 12VDC; 2700 for 24VDC) 2D = 2 Diodes (1N4005) DR = Diode & Resistor Cathode on "86" terminal (1N4005 & 180 for 6VDC; 680 for 12VDC; 2700 for 24VDC)
** Consult factory if other values are needed
A2
1C
S
Q
12VDC
1.6
Dimensions shown in mm. Dimensions are shown for reference purposes only.
Dimensions
Units = mm
Specifications and availability subject to change without notice.
A2 with PC Pins
A2 with Quick Connects
www.citrelay.com
phone - 763.535.2339 fax - 763.535.2194
page 78
A2
Dimensions
Units = mm
Specifications and availability subject to change without notice.
A2F with Quick Connect
A2M with Quick Connects
Dimensions shown in mm. Dimensions are shown for reference purposes only.
A2S with Quick Connects
Schematics, PC Pin Dimenstions & PC Layouts
Bottom Views
1A
1B
1C
1U
page 79
phone - 763.535.2339
www.citrelay.com
fax - 763.535.2194


▲Up To Search▲   

 
Price & Availability of A21ASP12VDC16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X